| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8045ACPZ-R2 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8045ACPZ-R2 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 24 page ![]() AD8045 Data Sheet Rev. C | Page 16 of 24 CIRCUIT CONFIGURATIONS WIDEBAND OPERATION Figure 61 and Figure 62 show the recommended circuit configurations for noninverting and inverting amplifiers. In unity-gain (G = +1) applications, RS helps to reduce high frequency peaking. It is not needed for any other configurations. For more information on layout, see the Printed Circuit Board Layout section. The resistor at the output of the amplifier, labeled RSNUB, is used only when driving large capacitive loads. Using RSNUB improves stability and minimizes ringing at the output. For more information, see the Driving Capacitive Loads section. AD8045 RG RF RS RSNUB VIN VOUT +VS + 10 µF 0.1 µF –VS + 10 µF 0.1 µF Figure 61. Noninverting Configuration AD8045 RG RF R = RG||RF VIN +VS + 10 µF 0.1 µF –VS + 10 µF 0.1 µF RSNUB VOUT Figure 62. Inverting Configuration |