Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

12864-12-FC-R-ST-ELP Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce 12864-12-FC-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-R-ST-ELP Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 12864-12-FC-R-ST-ELP Datasheet HTML 17Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 18Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 19Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 20Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 21Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 22Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 23Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 24Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
21
● Data Read Write
Code
Hex
Function
Operand
11000000
C0H
Data write and ADP increment
Data
11000001
C1H
Data read and ADP increment
---
11000010
C2H
Data write and ADP decrement
Data
11000011
C3H
Data read and ADP decrement
---
11000100
C4H
Data write and ADP non-variable
Data
11000101
C5H
Data read and ADP non-variable
---
This command is used for data write from MPU to external display RAM, and data read from external display RAM
to MPU. Data write/data read should be executed after setting address by address pointer set command. Address pointer can be
automatically increment or decrement by setting this command.
Note : This command is necessary for each 1 byte data. Please refer following flow chart.
DATA WRITE START
END
STATUS CHECK 1
LOWER ADDRESS DATA
STATUS CHECK 1
UPPER ADDRESS DATA
STATUS CHECK 1
ADDRESS POINTER SET 24H
STATUS CHECK 1
WRITE DATA SET
STATUS CHECK 1
DATA WRITE C0H
DATA READ
END
ADDRESS POINTER SET
STATUS CHECK 1
DATA READ C1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31