Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

12864-12-SL-R-ST-ELP Fiches technique(PDF) 23 Page - List of Unclassifed Manufacturers

No de pièce 12864-12-SL-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-SL-R-ST-ELP Fiches technique(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button 12864-12-SL-R-ST-ELP Datasheet HTML 19Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 20Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 21Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 22Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 23Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 24Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 25Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 26Page - List of Unclassifed Manufacturers 12864-12-SL-R-ST-ELP Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
23
● Screen Copy
Code
Hex
Function
Operand
11101000
E8H
Screen copy
---
This command is used to copy displayed 1 line data to graphic area. The start point of 1 line data in the screen is
determined by the address pointer. Please refer following flow chart.
Note 1 : In attribute function, this command is invalid. (Because attribute data is in the graphic area.)
Note 2 : In case of 2 screen drive, this command is invalid. (Because T6963C cannot separate upper screen data and lower
screen data.)
SCREEN COPY START
END
STATUS CHECK 1
LOWER ADDRESS DATA
STATUS CHECK 1
UPPER ADDRESS DATA
STATUS CHECK 1
ADDRESS POINTER SET 24H
STATUS CHECK 1
SCREEN COPY E8H
STATUS CHECK STA6=0?
STATUS CHECK STA0/1=1?
NO
YES
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31