| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4177-4ARZ-R7 Fiches technique(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4177-4ARZ-R7 Fiches technique(HTML) 10 Page - Analog Devices |
|
10 / 33 page ![]() ADA4177-1/ADA4177-2/ADA4177-4 Data Sheet Rev. E | Page 10 of 33 OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4177-2 TOP VIEW (Not to Scale) Figure 5. ADA4177-2 8-Lead MSOP Pin Configuration OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4177-2 TOP VIEW (Not to Scale) Figure 6. ADA4177-2 8-Lead SOIC Pin Configuration Table 7. ADA4177-2 Pin Function Descriptions Pin No. Mnemonic Description 1 OUT A Output Channel A. 2 −IN A Inverting Input Channel A. 3 +IN A Noninverting Input Channel A. 4 V− Negative Supply Voltage. 5 +IN B Noninverting Input Channel B. 6 −IN B Inverting Input Channel B. 7 OUT B Output Channel B. 8 V+ Positive Supply Voltage. |