Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8630 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD8630
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8630 Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD8630 Datasheet HTML 25Page - Analog Devices AD8630 Datasheet HTML 26Page - Analog Devices AD8630 Datasheet HTML 27Page - Analog Devices AD8630 Datasheet HTML 28Page - Analog Devices AD8630 Datasheet HTML 29Page - Analog Devices AD8630 Datasheet HTML 30Page - Analog Devices AD8630 Datasheet HTML 31Page - Analog Devices AD8630 Datasheet HTML 32Page - Analog Devices AD8630 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
OUTLINE DIMENSIONS
analog.com
Rev. G | 32 of 33
Figure 90. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
Figure 91. 8-Lead Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
Figure 92. 14-Lead Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33