| Moteur de recherche de fiches techniques de composants électroniques |
|
93LC465A-E/MS Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC465A-E/MS Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 38 page ![]() 93XX46X/56X/66X/76X/86X DS21929D-page 2 © 2007 Microchip Technology Inc. TABLE 1-1: DEVICE SELECTION TABLE Part Number Density (Kbits) VCC Range ORG Pin Organization (Words) PE Pin Temp Range Packages 93XX46A/B/C 93AA46A 1 1.8-5.5 No 128 x 8 bits No I P, SN, ST, MS, OT, MC 93AA46B 1 1.8-5.5 No 64 x 16 bits No I P, SN, ST, MS, OT, MC 93AA46C 1 1.8-5.5 Yes Selectable x8 or x16 No I P, SN, ST, MS, MC 93LC46A 1 2.5-5.5 No 128 x 8 bits No I, E P, SN, ST, MS, OT, MC 93LC46B 1 2.5-5.5 No 64 x 16 bits No I, E P, SN, ST, MS, OT, MC 93LC46C 1 2.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93C46A 1 4.5-5.5 No 128 x 8 bits No I, E P, SN, ST, MS, OT, MC 93C46B 1 4.5-5.5 No 64 x 16 bits No I, E P, SN, ST, MS, OT, MC 93C46C 1 4.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93AA46AX/BX/CX, 93LC46AX/BX/CX, 93C46AX/BX/CX (Alternate pinout with die rotated 90°) 93AA46AX 1 1.8-5.5 No 128 x 8 bits No I P, SN, ST, MS, OT, MC 93AA46BX 1 1.8-5.5 No 64 x 16 bits No I P, SN, ST, MS, OT, MC 93AA46CX 1 1.8-5.5 Yes Selectable x8 or x16 No I P, SN, ST, MS, MC 93LC46AX 1 2.5-5.5 No 128 x 8 bits No I, E P, SN, ST, MS, OT, MC 93LC46BX 1 2.5-5.5 No 64 x 16 bits No I, E P, SN, ST, MS, OT, MC 93LC46CX 1 2.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93C46AX 1 4.5-5.5 No 128 x 8 bits No I, E P, SN, ST, MS, OT, MC 93C46BX 1 4.5-5.5 No 64 x 16 bits No I, E P, SN, ST, MS, OT, MC 93C46CX 1 4.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93XX56A/B/C 93AA56A 2 1.8-5.5 No 256 x 8 bits No I P, SN, ST, MS, OT, MC 93AA56B 2 1.8-5.5 No 128 x 16 bits No I P, SN, ST, MS, OT, MC 93AA56C 2 1.8-5.5 Yes Selectable x8 or x16 No I P, SN, ST, MS, MC 93LC56A 2 2.5-5.5 No 256 x 8 bits No I, E P, SN, ST, MS, OT, MC 93LC56B 2 2.5-5.5 No 128 x 16 bits No I, E P, SN, ST, MS, OT, MC 93LC56C 2 2.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93C56A 2 4.5-5.5 No 256 x 8 bits No I, E P, SN, ST, MS, OT, MC 93C56B 2 4.5-5.5 No 128 x 16 bits No I, E P, SN, ST, MS, OT, MC 93C56C 2 4.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93XX66A/B/C 93AA66A 4 1.8-5.5 No 512 x 8 bits No I P, SN, ST, MS, OT, MC 93AA66B 4 1.8-5.5 No 256 x 16 bits No I P, SN, ST, MS, OT, MC 93AA66C 4 1.8-5.5 Yes Selectable x8 or x16 No I P, SN, ST, MS, MC 93LC66A 4 2.5-5.5 No 512 x 8 bits No I, E P, SN, ST, MS, OT, MC 93LC66B 4 2.5-5.5 No 256 x 16 bits No I, E P, SN, ST, MS, OT, MC 93LC66C 4 2.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC 93C66A 4 4.5-5.5 No 512 x 8 bits No I, E P, SN, ST, MS, OT, MC 93C66B 4 4.5-5.5 No 256 x 16 bits No I, E P, SN, ST, MS, OT, MC 93C66C 4 4.5-5.5 Yes Selectable x8 or x16 No I, E P, SN, ST, MS, MC |