| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F212ACSDFP Fiches technique(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F212ACSDFP Fiches technique(HTML) 29 Page - Renesas Technology Corp |
|
29 / 58 page ![]() R8C/2A Group, R8C/2B Group 1. Overview Rev.2.00 Nov 26, 2007 Page 9 of 580 REJ09B0324-0200 Figure 1.2 Part Number, Memory Size, and Package of R8C/2B Group Part No. R 5 F 21 2B 7 S N XXX FP Package type: FP: PLQP0064KB-A (0.5 mm pin-pitch, 10 mm square body) FA: PLQP0064GA-A (0.8 mm pin-pitch, 14 mm square body) LG: PTLG0064JA-A (0.65 mm pin-pitch, 6 mm square body) ROM number Classification N: Operating ambient temperature -20°C to 85°C D: Operating ambient temperature -40°C to 85°C Y: Operating ambient temperature -20°C to 105°C (1) S: Low-voltage version ROM capacity 7: 48 KB 8: 64 KB A: 96 KB C: 128 KB R8C/2B Group R8C/Tiny Series Memory type F: Flash memory Renesas MCU Renesas semiconductor NOTE: 1: Please contact Renesas Technology sales offices for the Y version. |