| Moteur de recherche de fiches techniques de composants électroniques |
|
4AV15F Fiches technique(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
4AV15F Fiches technique(HTML) 2 Page - Honeywell Solid State Electronics Center |
|
2 / 4 page ![]() 4AV Series Vane Sensors ISSUE 2 PK 87605 2 Honeywell • Sensing and Control For application help: call 1-800-537-6945 MECHANICAL CHARACTERISTICS (mm/in) Series Left Left Left Right Right Right L-R Operate Release Diff. Operate Release Diff Diff. a b d c 4AV* 5,4/.213 6,0/.237 0,6/.024 8,6/.337 7,9/.313 0,6/.024 2,5/.100 *Operating characteristics of the 4AV are adjusted to produce a .100 + .010 dimension between the Operate point on one side of the package to the Release point on the other side. The actuator can be designed to produce a specific pulse width for timing or sequencing operations. MOUNTING DIMENSIONS (for reference only) CAUTION PRODUCT DAMAGE • Do not exceed electrical specifications. • Do not mis-wire the output connection. • Do not reverse supply voltage polarity. • Handle terminals with care. Failure to comply with these instructions may result in product damage. Mates with AMP housing 87499-8 |