| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P311SXS/XJ Fiches technique(PDF) 48 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P311SXS/XJ Fiches technique(HTML) 48 Page - ELAN Microelectronics Corp |
|
48 / 68 page ![]() EM78P311N 8-Bit Microcontroller 44 • Product Specification (V1.0) 10.02.2006 (This specification is subject to change without further notice) Table 6. Summary of the Initialized Values for Registers Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name C67 C66 C65 C64 C63 C62 C61 C60 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT time out 1 1 1 1 1 1 1 1 0x06 IOC6 Wake-up from Sleep, Idle mode P P P P P P P P Bit Name X X X X C73 C72 C71 C70 Power-on U U U U 1 1 1 1 /RESET and WDT time out U U U U 1 1 1 1 0x07 IOC7 Wake-up from Sleep, Idle mode U U U U P P P P Bit Name X X X X X X C81 C80 Power-on U U U U U U 1 1 /RESET and WDT time out U U U U U U 1 1 0x08 IOC8 Wake-up from Sleep, Idle mode U U U U U U P P Bit Name C97 C96 C95 C94 C93 C92 C91 C90 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT time out 1 1 1 1 1 1 1 1 0x09 IOC9 Wake-up from Sleep, Idle mode P P P P P P P P Bit Name INT1NR INT0EN X INT3ES1 INT3ES0 X INT1ES TC2ES Power-on 0 0 0 0 0 0 0 0 /RESET and WDT time out 0 0 0 0 0 0 0 0 0x0B INTCR Wake-Up from Sleep, Idle mode P P P P P P P P Bit Name CALI SIGN VOF2 VOF1 VOF0 X X X Power-on 0 0 0 0 0 U U U /RESET and WDT time out 0 P P P P U U U 0x0C ADOSC R Wake-up from Sleep, Idle mode 0 P P P P U U U Bit Name EXIE5 TCIE2 ADIE X EXIE3 TCIE4 SPIE TCIE3 Power-on 0 0 0 U 0 0 0 0 /RESET and WDT time out 0 0 0 U 0 0 0 0 0x0E IMR1 Wake-up from Sleep, Idle mode P P P U P P P P Bit Name X UERRIE URIE UTIE TBIE EXIE1 X TCIE0 Power-on U 0 0 0 0 0 U 0 /RESET and WDT time out U 0 0 0 0 0 U 0 0x0F IMR2 Wake-Up from Sleep, Idle mode U P P P P P U P Bit Name WDT0 /INT WDTP1 WDTP0 WDTE PSR2 PSR1 PSR0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT time out 0 0 0 0 0 0 0 0 N/A CONT Wake-up from Sleep, Idle mode P P P P P P P P Bit Name - - - - - - - - Power-on U U U U U U U U /RESET and WDT time out P P P P P P P P 0x00 R0 (IAR) Wake-up from Sleep, Idle mode P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT time out 0 0 0 0 0 0 0 0 0x01 R1 (TCC) Wake-up from Sleep, Idle mode P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT time out 0 0 0 0 0 0 0 0 0x02 R2 (PC) Wake-up from Sleep, Idle mode Jump to interrupt vector or execute next instruction Bit Name RBS1 RBS0 X T P Z DC C Power-on 0 0 0 1 1 U U U /RESET and WDT time out 0 0 0 t t P P P 0x03 R3 (SR) Wake-up from Sleep, Idle mode P P P t t P P P Bit Name X GRBS0 RSR5 RSR4 RSR3 RSR2 RSR1 RSR0 Power-on 0 0 U U U U U U /RESET and WDT time out 0 0 P P P P P P 0x04 R4 (RSR) Wake-Up from Sleep, Idle mode P P P P P P P P |