| Moteur de recherche de fiches techniques de composants électroniques |
|
4559 Fiches technique(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Fiches technique(HTML) 91 Page - Renesas Technology Corp |
|
91 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 91 of 146 REJ03B0188-0104 4559 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) EI (Enable Interrupt) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 01 01 2 00 5 16 11 - - Opera- tion: (INTE) ← 1 Grouping: Interrupt control operation Description: Sets (1) to interrupt enable flag INTE, and enables the interrupt. Note: Interrupt is enabled by executing the EI instruction after executing 1 machine cycle. EPOF (Enable POF instruction) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 101 10 11 2 05 B 16 11 - - Opera- tion: POF instruction or POF2 instruction valid Grouping: Other operation Description: Makes the immediate after POF instruction or POF2 instruction valid by executing the EPOF instruction. IAP0 (Input Accumulator from port P0) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 110 00 00 2 26 0 16 11 - - Opera- tion: (A) ← (P0) Grouping: Input/Output operation Description: Transfers the input of port P0 to register A. IAP1 (Input Accumulator from port P1) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 110 00 01 2 26 1 16 11 - - Opera- tion: (A) ← (P1) Grouping: Input/Output operation Description: Transfers the input of port P1 to register A. |