| Moteur de recherche de fiches techniques de composants électroniques |
|
4571 Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 126 page ![]() Rev.1.02 May 25, 2007 Page 8 of 124 REJ03B0179-0102 4571 Group PORT BLOCK DIAGRAM Fig 3. Port block diagram (1) Register Y Decoder Skip decision SZD instruction SD instruction RD instruction CLD instruction FR1i (Note 3) (Note 1) (Note 1) D0 -D3 (Note 2) S R Q Notes 1. This symbol represents a parasitic diode on the port. 2. Applied potential to these ports must be VDD or less. 3. i represents bits 0 to 3. 4. A falling edge of port input is detected. (Note 1) (Note 1) D4/CNTR0 (Note 2) Clock input for timer 1 event count W52 0 1 W10 W11 Register Y Decoder Skip decision SZD instruction SD instruction RD instruction CLD instruction S R Q W50 0 1 1/2 W23 0 1 Timer 1 underflow signal Timer 2 underflow signal Edge detection circuit Key-on wakeup input IAP0 instruction OP0A instruction (Note 1) (Note 1) P00 -P03 (Note 2) D T Q K0i PU0i Ai Register A Ai (Note 3) (Note 3) (Note 4) (Note 3) Pull-up transistor |