Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4945-1ACPZ-R2 Fiches technique(PDF) 41 Page - Analog Devices

No de pièce ADA4945-1ACPZ-R2
Description  High Speed, ±0.1 μV/˚C Offset Drift, Fully Differential ADC Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R2 Fiches technique(HTML) 41 Page - Analog Devices

Back Button ADA4945-1ACPZ-R2 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 44Page - Analog Devices ADA4945-1ACPZ-R2 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Data Sheet
ADA4945-1
analog.com
Rev. A
41 of 57
TERMINOLOGY
Differential Voltage
Differential voltage is the difference between two node voltages. For example, the differential output voltage (or
equivalently, output differential mode voltage) is defined as
VOUT,dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and −OUT terminals with respect to a common reference.
Similarly, the differential input voltage is defined as
VIN,dm = (+DIN − (−DIN))
Common-Mode Voltage (CMV)
CMV is the average of two node voltages. The output common mode voltage is defined as
VOUT,cm= (V+OUT + V−OUT)/2
Similarly, the input common-mode voltage is defined as
VIN,cm = (+DIN + (−DIN))/2
Common-Mode Offset Voltage
Common-mode offset voltage is the difference between the voltage applied to the VOCM terminal and the common
mode of the output voltage.
VOS,cm = VOUT,cm − VOCM
Differential VOS, Differential CMRR, and VOCM CMRR
The differential mode and common-mode voltages each have their own error sources. The differential offset (VOS,dm)
is the voltage error between the +IN and −IN terminals of the amplifier. Differential CMRR reflects the change of VOS,
dm in response to changes to the common-mode voltage at +DIN and −DIN (see Figure 98).
CMRRDFF =
∆VIN,cm
∆VOS,dm
VOCM CMRR reflects the change of VOS, dm in response to changes to the common-mode voltage at the output
terminals.
CMRRV
OCM =
∆VOCM
∆VOS,dm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57