Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPPSLM31.14 Fiches technique(PDF) 12 Page - OSRAM GmbH

No de pièce GPPSLM31.14
Description  The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GPPSLM31.14 Fiches technique(HTML) 12 Page - OSRAM GmbH

Back Button GPPSLM31.14 Datasheet HTML 8Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 9Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 10Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 11Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 12Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 13Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 14Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 15Page - OSRAM GmbH GPPSLM31.14 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
GP PSLM31.14
12 Version 1.5 | 2021-07-26
Dimensional Drawing 6)
Further Information:
Approximate Weight:
20.0 mg
Package marking:
Cathode
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22