Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GHCSBRM4.24 Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce GHCSBRM4.24
Description  OSLON® Square Hyper Red with the best value for highest PPF/W, is now available with a unique innovative radiation pattern, evenly illuminates plants for uniform growth while reducing number of luminaires and lowering overall cost.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHCSBRM4.24 Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button GHCSBRM4.24 Datasheet HTML 14Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 15Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 16Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 17Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 18Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 19Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 20Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 21Page - OSRAM GmbH GHCSBRM4.24 Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
GH CSBRM4.24
DATASHEET
DATASHEET
21 | Version 1.4 | 2024-08-01
Revision History
Version
Date
Change
1.0
2021-09-22
Initial Version
1.1
2022-01-27
Features
1.2
2022-07-22
Features
Applications
1.3
2023-08-02
Features
Ordering Information
Characteristics
Brightness Groups
1.4
2024-08-01
Features
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22