Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GFCSBPM2.24 Fiches technique(PDF) 12 Page - OSRAM GmbH

No de pièce GFCSBPM2.24
Description  A new member of the family, OSLON® Square Far Red has a unique innovative radiation pattern to illuminate plants evenly for uniform growth while reducing number of luminaires and lowering overall cost.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GFCSBPM2.24 Fiches technique(HTML) 12 Page - OSRAM GmbH

Back Button GFCSBPM2.24 Datasheet HTML 8Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 9Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 10Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 11Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 12Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 13Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 14Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 15Page - OSRAM GmbH GFCSBPM2.24 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
GF CSBPM2.24
DATASHEET
DATASHEET
12 | Version 1.2 | 2023-08-02
Dimensional Drawing 8)
Further Information:
Approximate Weight:
27.0 mg
Package marking:
Anode
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22