Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8515AKSZ-R2 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD8515AKSZ-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8515AKSZ-R2 Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD8515AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8515AKSZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8515
Data Sheet
Rev. E | Page 16 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 40. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-203-AA
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 41. 5-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8515ARTZ-R21
−40°C to +125°C
5-Lead SOT-23
RJ-5
AD8515ARTZ-REEL1
−40°C to +125°C
5-Lead SOT-23
RJ-5
AD8515ARTZ-REEL71
−40°C to +125°C
5-Lead SOT-23
RJ-5
AD8515AKSZ-R21
−40°C to +125°C
5-Lead SC70
KS-5
AD8515AKSZ-REEL1
−40°C to +125°C
5-Lead SC70
KS-5
AD8515AKSZ-REEL71
−40°C to +125°C
5-Lead SC70
KS-5
1
Z = RoHS Compliant Part.
©2002–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03024-0-1/17(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16