Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93C66A-E/P Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 93C66A-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66A-E/P Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 93C66A-E/P Datasheet HTML 17Page - Microchip Technology 93C66A-E/P Datasheet HTML 18Page - Microchip Technology 93C66A-E/P Datasheet HTML 19Page - Microchip Technology 93C66A-E/P Datasheet HTML 20Page - Microchip Technology 93C66A-E/P Datasheet HTML 21Page - Microchip Technology 93C66A-E/P Datasheet HTML 22Page - Microchip Technology 93C66A-E/P Datasheet HTML 23Page - Microchip Technology 93C66A-E/P Datasheet HTML 24Page - Microchip Technology 93C66A-E/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21795C-page 21
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
APPENDIX A:
REVISION HISTORY
Revision B
Corrections to Section 1.0, Electrical Characteristics.
Section 4.1, 6-Lead SOT-23 package to OT.
Revision C
Added DFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28