Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXFV302EV Fiches technique(PDF) 2 Page - Zetex Semiconductors

No de pièce ZXFV302EV
Description  4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV302EV Fiches technique(HTML) 2 Page - Zetex Semiconductors

  ZXFV302EV Datasheet HTML 1Page - Zetex Semiconductors ZXFV302EV Datasheet HTML 2Page - Zetex Semiconductors ZXFV302EV Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCB design
A continuous ground plane is required under the
device and its signal connection paths, to provide the
shortest possible ground return paths for signals and
power supply filtering.
A double-sided or multi-layer PCB construction is
required, with plated-through via holes providing
closely spaced low-inductance connections from some
components to the continuous ground plane (some of
these holes are not visible in the figures for the
Evaluation Board – artworks and NC drill output can be
provided if required).
ZXFV302EV
SEMICO NDUC TORS
ISSUE 1 - SEPTEMBER 2004
2
Figure 2 Evaluation circuit top copper layout
(overall dimensions 2.5 x 2.25 inches)
Figure 3 Evaluation board bottom copper layout
(viewed through from top)



Html Pages

1 2 3