Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1121EPA Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce TC1121EPA
Description  100mA Charge Pump Voltage Converter with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121EPA Fiches technique(HTML) 7 Page - Microchip Technology

Back Button TC1121EPA Datasheet HTML 3Page - Microchip Technology TC1121EPA Datasheet HTML 4Page - Microchip Technology TC1121EPA Datasheet HTML 5Page - Microchip Technology TC1121EPA Datasheet HTML 6Page - Microchip Technology TC1121EPA Datasheet HTML 7Page - Microchip Technology TC1121EPA Datasheet HTML 8Page - Microchip Technology TC1121EPA Datasheet HTML 9Page - Microchip Technology TC1121EPA Datasheet HTML 10Page - Microchip Technology TC1121EPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21358C-page 7
TC1121
3.6
Combined Positive Supply
Multiplication and Negative
Voltage Conversion
Figure 3-4 shows this dual function circuit, in which
capacitors C1 and C2 perform pump and reservoir
functions to generate negative voltage. Capacitors C3
and C4 are the respective capacitors for multiplied
positive voltage. This particular configuration leads to
higher source impedances of the generated supplies
due
to
the
finite
impedance
of
the
common
charge-pump driver.
FIGURE 3-4:
Combined Positive Multiplier and Negative Converter
C1
D1
D2
D1, D2 = 1N4148
4
3
6
8
5
2
C2
C4
C3
VIN
+
VOUT = (2VIN) –
(VFD1) – (VFD2)
TC1121
GND
OSC
CAP+
CAP–
FC
SHDN
VOUT
VIN
SHDN*
VOUT = VIN
–
*SHDN should be tied to VIN if not used.
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14