Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33F Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce DSPIC33F
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33F Fiches technique(HTML) 67 Page - Microchip Technology

Back Button DSPIC33F Datasheet HTML 63Page - Microchip Technology DSPIC33F Datasheet HTML 64Page - Microchip Technology DSPIC33F Datasheet HTML 65Page - Microchip Technology DSPIC33F Datasheet HTML 66Page - Microchip Technology DSPIC33F Datasheet HTML 67Page - Microchip Technology DSPIC33F Datasheet HTML 68Page - Microchip Technology DSPIC33F Datasheet HTML 69Page - Microchip Technology DSPIC33F Datasheet HTML 70Page - Microchip Technology DSPIC33F Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 67
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
TABLE 5-11:
SERIAL INSTRUCTION EXECUTION FOR READING THE APPLICATION ID WORD
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit Reset vector.
0000
0000
0000
0000
000000
000000
040200
000000
NOP
NOP
GOTO
0x200
NOP
Step 2: Initialize TBLPAG and the read pointer (W0) for TBLRD instruction.
0000
0000
0000
0000
0000
0000
0000
0000
200800
880190
205FE0
207841
000000
BA0890
000000
000000
MOV
#0x80, W0
MOV
W0, TBLPAG
MOV
#0x5BE, W0
MOV
#VISI, W1
NOP
TBLRDL [W0], [W1]
NOP
NOP
Step 3: Output the VISI register using the REGOUT command.
0001
<VISI>
Clock out contents of the VISI register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80