Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS2502/T Fiches technique(PDF) 6 Page - Dallas Semiconductor

No de pièce DS2502/T
Description  1 kbit Add-Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502/T Fiches technique(HTML) 6 Page - Dallas Semiconductor

Back Button DS2502/T Datasheet HTML 2Page - Dallas Semiconductor DS2502/T Datasheet HTML 3Page - Dallas Semiconductor DS2502/T Datasheet HTML 4Page - Dallas Semiconductor DS2502/T Datasheet HTML 5Page - Dallas Semiconductor DS2502/T Datasheet HTML 6Page - Dallas Semiconductor DS2502/T Datasheet HTML 7Page - Dallas Semiconductor DS2502/T Datasheet HTML 8Page - Dallas Semiconductor DS2502/T Datasheet HTML 9Page - Dallas Semiconductor DS2502/T Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DS2502
or written. Writing data involves not only issuing the correct command sequence by also providing a 12-
volt programming voltage at the appropriate times. To execute a write sequence, a byte of data is first
loaded into the scratchpad and then programmed into the selected address. Write sequences always occur
a byte at a time. To execute a read sequence, the starting address is issued by the bus master and data is
read from the part beginning at that initial location and continuing to the end of the selected data field or
until a reset sequence is issued. All bits transferred to the DS2502 and received back by the bus master
are sent least significant bit first.
DS2502 MEMORY MAP Figure 5
6 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22