| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2155 Fiches technique(PDF) 39 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Fiches technique(HTML) 39 Page - Dallas Semiconductor |
|
39 / 238 page ![]() DS2155 39 of 238 6. PROGRAMMING MODEL The DS2155 register map is divided into three groups: T1 specific features, E1 specific features, and common features. The typical programming sequence begins with issuing a reset to the DS2155, selecting T1 or E1 operation in the master mode register, enabling T1 or E1 functions and enabling the common functions. The act of resetting the DS2155 automatically clears all configuration and status registers. Therefore, it is not necessary to load unused registers with 0s. Figure 6-1. Programming Sequence POWER-ON ISSUE RESET SELECT T1 OR E1 OPERATION IN MASTER MODE REGISTER PROGRAM T1 SPECIFIC REGISTERS PROGRAM E1 SPECIFIC REGISTERS PROGRAM COMMON REGISTERS DS2155 OPERATIONAL |