| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79574JC Fiches technique(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79574JC Fiches technique(HTML) 14 Page - Advanced Micro Devices |
|
14 / 17 page ![]() 14 Am79574 Data Sheet TEST CIRCUITS VTX RSN AGND RT RRX VL VAB VAB RL RSN AGND VTX VRX RRX IL2-4 = –20 log (VTX / VAB) A. Two- to Four-Wire Insertion Loss IL4-2 = –20 log (VAB / VRX) B. Four- to Two-Wire Insertion Loss and Balance Return Signal VTX RSN AGND RT RRX VRX S2 Open, S1 Closed: L-T Long. Bal. = 20 log (VAB / VL) L-4 Long. Bal. = 20 log (VTX / VL) BRS = 20 log (VTX / VRX) SLIC SLIC SLIC SLIC RL 2 B(RING) A(TIP) B(RING) A(TIP) VL S1 B(RING) A(TIP) S2 1/ ωC << R L C S2 Closed, S1 Open: 4-L Long. Sig. Gen. = 20 log (VL /VRX) C. Longitudinal Balance R R VM ZIN 900 Ω VS RT RRX B(RING) A(TIP) RSN AGND VTX D. Two-Wire Return Loss Test Circuit Note: ZD is the desired impedance (e.g., the characteristic impedance of the line). RL = –20 log (2 VM / VS) RT IDC RL 2 VL RL 2 RL 2 |