Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8597ACPZ-R2 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8597ACPZ-R2
Description  Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8597ACPZ-R2 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8597ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8597ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8597/AD8599
Data Sheet
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
–75 –65 –55 –45 –35 –25 –15 –5
15 25 35 45 55 65 75
5
70
60
50
40
30
20
10
0
VOS (µV)
AD8599
MEAN = 8.23
STDEV = 24.47
MIN = –72.62
MAX = 62.09
VSY = ±5V
Figure 4. Input Offset Voltage Distribution
0
0.2
1.6 1.8 2.0
2.4
1.4
1.2
1.0
0.4 0.6 0.8
2.2
60
50
40
30
20
10
0
TCVOS (µV)
AD8599
MEAN = 0.346
STDEV = 0.218
MIN = 0.010
MAX = 1.155
VSY = ±5V
Figure 5. TCVOS Distribution, −40°C ≤ TA ≤ +125°C
0
0.2
1.6 1.8 2.0
2.4
1.4
1.2
1.0
0.4 0.6 0.8
2.2
60
50
40
30
20
10
0
TCVOS (µV)
AD8599
MEAN = 0.461
STDEV = 0.245
MIN = 0.026
MAX = 1.26
VSY = ±5V
Figure 6. TCVOS Distribution, −40°C ≤ TA ≤ +85°C
–75 –65 –55 –45 –35 –25 –15 –5
15 25 35 45 55 65 75
5
70
60
50
40
30
20
10
0
VOS (µV)
AD8599
MEAN = 7.91
STDEV = 21.89
MIN = –63.02
MAX = 57.5
VSY = ±15V
Figure 7. Input Offset Voltage Distribution
0
0.2
1.6 1.8 2.0
2.4
1.4
1.2
1.0
0.4 0.6 0.8
2.2
45
40
35
30
25
20
15
TCVOS (µV)
10
5
0
AD8599
MEAN = 0.765
STDEV = 0.234
MIN = 0.338
MAX = 1.709
VSY = ±15V
Figure 8. TCVOS Distribution, −40°C ≤ TA ≤ +125°C
0
0.2
1.6 1.8 2.0
2.4
1.4
1.2
1.0
0.4 0.6 0.8
2.2
60
50
40
30
20
10
0
TCVOS (µV)
AD8599
MEAN = 0.342
STDEV = 0.221
MIN = 0.013
MAX = 1.239
VSY = ±15V
Figure 9. TCVOS Distribution, −40°C ≤ TA ≤ +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20