| Moteur de recherche de fiches techniques de composants électroniques |
|
STPS40170C Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS40170C Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() ® 1/8 Table 1: Main Product Characteristics IF(AV) 2 x 20 A VRRM 170 V Tj 175 °C VF(max) 0.75 V STPS40170C HIGH VOLTAGE POWER SCHOTTKY RECTIFIER REV. 1 K A1 A2 A1 K K A2 TO-220AB STPS40170CT A1 K A2 D2PAK STPS40170CG A1 K A2 TO-247 STPS40170CW September 2005 FEATURES AND BENEFITS ■ High junction temperature capability ■ Low leakage current ■ Good trade off between leakage current and forward voltage drop ■ Low thermal resistance ■ High frequency operation ■ Avalanche specification DESCRIPTION Dual center tab Schottky rectifier suited for High Frequency Switched Mode Power Supplies. Packaged in TO-220AB, D2PAK and TO-247, these devices are intended for use to enhance the reliability of the application. Table 2: Order Codes Part Numbers Marking STPS40170CT STPS40170CT STPS40170CG STPS40170CG STPS40170CG-TR STPS40170CG STPS40170CW STPS40170CW |
Numéro de pièce similaire - STPS40170C |
|
Description similaire - STPS40170C |