Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8763AM Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA8763AM
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA8763AM Datasheet HTML 1Page - NXP Semiconductors TDA8763AM Datasheet HTML 2Page - NXP Semiconductors TDA8763AM Datasheet HTML 3Page - NXP Semiconductors TDA8763AM Datasheet HTML 4Page - NXP Semiconductors TDA8763AM Datasheet HTML 5Page - NXP Semiconductors TDA8763AM Datasheet HTML 6Page - NXP Semiconductors TDA8763AM Datasheet HTML 7Page - NXP Semiconductors TDA8763AM Datasheet HTML 8Page - NXP Semiconductors TDA8763AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1999 Jan 06
4
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
12
DGND2
6
8
RLAD
7
9
VRB
VRM
VRT
V I
11
VCCD2
3
26
VCCA
21
22
23
24
20 D4
D5
D6
D7
D8
19
18
25
2
D3
D2
17 D1
16 D0
D9
IN-RANGE LATCH
CMOS
OUTPUTS
LATCHES
ANALOG -TO - DIGITAL
CONVERTER
CLOCK DRIVER
MBG913
CMOS OUTPUT
1
CLK
10
OE
TC
TDA8763A
13
VCCO
4
AGND
analog ground
digital ground
digital ground
27
DGND1
14
OGND
output ground
analog
voltage input
data outputs
LSB
MSB
28
VCCD1
IR
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24