Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8760K/2 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA8760K/2
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/2 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA8760K/2 Datasheet HTML 2Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 3Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 4Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 5Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 9Page - NXP Semiconductors TDA8760K/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1996 Sep 12
6
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
D0
41
data output, bit 0 (LSB)
VCCO3
42
output supply voltage (+5 V)
VCCO4
43
output supply voltage (+5 V)
OGND4
44
output ground
SYMBOL
PIN
DESCRIPTION
Fig.2 Pin configuration for SOT187-2.
handbook, full pagewidth
MGA928-1
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
OGND2
D2
D3
D4
D5
D6
D7
D8
OGND3
TDA8760
refH
V
refL
V
VI
AGND2
VCCA1
V
I
VCCA2
VCCA3
AGND4
AGND3
AGND1
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28