Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8752 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce TDA8752
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button TDA8752 Datasheet HTML 17Page - NXP Semiconductors TDA8752 Datasheet HTML 18Page - NXP Semiconductors TDA8752 Datasheet HTML 19Page - NXP Semiconductors TDA8752 Datasheet HTML 20Page - NXP Semiconductors TDA8752 Datasheet HTML 21Page - NXP Semiconductors TDA8752 Datasheet HTML 22Page - NXP Semiconductors TDA8752 Datasheet HTML 23Page - NXP Semiconductors TDA8752 Datasheet HTML 24Page - NXP Semiconductors TDA8752 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
3-wire protocol
For the 3-wire serial bus the first byte refers to the register address which is programmed. The second byte refers to the data to be sent to the chosen
register (see Table 1). The acquisition is achieved via SEN.
Using the 3-wire interface, an indefinite number of ICs can operate on the same system. Pin SEN is used to validate the circuits.
MGG365
ts3W = 100 ns
th3W = 100 ns
tr3W = 600 ns
100 ns
11
99
XXXX
A3
A2
A1
A0
X
D7
D6
D5
D4
D3
D2
D1
D0
X
SEN
SCL
SDA
Fig.10 3-wire serial bus protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36