Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU7002ACBZ-R7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Fiches technique(HTML) 5 Page - Analog Devices

  ADAU7002ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADAU7002
Rev. C | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
BALL A1
CORNER
A
PDM_
DAT
PDM_
CLK
SDATA
BCLK
GND
LRCLK
IOVDD
CONFIG
2
1
B
C
D
Figure 2. Pin Configuration (Top Side View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
A1
PDM_DAT
Input
PDM Data Input
A2
PDM_CLK
Output
PDM Clock Output
B1
SDATA
Output
Serial Data Output for I2S/TDM
B2
BCLK
Input
Bit Clock for I2S/TDM
C1
GND
Ground
Ground
C2
LRCLK
Input
Left/Right Clock for I2S/Frame Sync for TDM
D1
IOVDD
Supply
Input/Output and Digital Supply
D2
CONFIG
Input
Configuration Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16