Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD823AARMZ-R7 Fiches technique(PDF) 19 Page - Analog Devices

No de pièce AD823AARMZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD823AARMZ-R7 Fiches technique(HTML) 19 Page - Analog Devices

Back Button AD823AARMZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 14Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 15Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 16Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 17Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 18Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 19Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD823A
Rev. | Page 19 of 20
MAXIMIZING PERFORMANCE THROUGH PROPER
LAYOUT
To achieve the maximum performance of the extremely high
input impedance and low offset voltage of the AD823A, care
should be taken in the circuit board layout. The PCB surface
must remain clean and free of moisture to avoid leakage currents
between adjacent traces. Surface coating of the circuit board
reduces surface moisture and provides a humidity barrier, reducing
parasitic resistance on the board. The use of guard rings around the
amplifier inputs further reduces leakage currents. Figure 48 shows
how the guard rings should be configured, and Figure 49 shows
the top view of how a surface-mount layout can be arranged. The
guard ring does not need to be a specific width, but it should form
a continuous loop around both inputs. By setting the guard ring
voltage equal to the voltage at the non-inverting input, parasitic
capacitance is minimized as well. For further reduction of leakage
currents, components can be mounted to the PCB using Teflon®
standoff insulators.
VOUT
VOUT
VOUT
VIN
AD823A
VIN
AD823A
VIN
AD823A
Figure 48. Guard Ring Layout and Connections to
Reduce PCB Leakage Currents
V–
V+
VREF
VREF
VIN1
VIN2
GUARD
RING
R1
R2
R2
R1
AD823A
GUARD
RING
Figure 49. Top View of AD823A SOIC Layout with Guard Rings
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20