| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8014ARTZ-R2 Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8014ARTZ-R2 Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 11 page ![]() –2– AD8014–SPECIFICATIONS AD8014AR/RT Parameter Conditions Min Typ Max Units DYNAMIC PERFORMANCE –3 dB Bandwidth Small Signal G = +1, VO = 0.2 V p-p, RL = 1 kΩ 400 480 MHz G = –1, VO = 0.2 V p-p, RL = 1 kΩ 120 160 MHz –3 dB Bandwidth Large Signal VO = 2 V p-p 140 180 MHz VO = 2 V p-p, RF = 500 Ω 170 210 MHz VO = 2 V p-p, RF = 500 Ω, RL = 50 Ω 130 MHz 0.1 dB Small Signal Bandwidth VO = 0.2 V p-p, RL = 1 kΩ 12 MHz 0.1 dB Large Signal Bandwidth VO = 2 V p-p, RL = 1 kΩ 20 MHz Slew Rate, 25% to 75%, VO = 4 V Step RL = 1 kΩ, RF = 500 Ω 4600 V/ µs RL = 1 kΩ 2800 V/ µs G = –1, RL = 1 kΩ, RF = 500 Ω 4000 V/ µs G = –1, RL = 1 kΩ 2500 V/ µs Settling Time to 0.1% G = +1, VO = 2 V Step, RL = 1 kΩ 24 ns Rise and Fall Time 10% to 90% 2 V Step 1.6 ns G = –1, 2 V Step 2.8 ns Overload Recovery to Within 100 mV 0 V to ±4 V Step at Input 60 ns NOISE/HARMONIC PERFORMANCE Total Harmonic Distortion fC = 5 MHz, VO = 2 V p-p, RL = 1 k Ω –68 dB fC = 5 MHz, VO = 2 V p-p –51 dB fC = 20 MHz, VO = 2 V p-p –45 dB SFDR fC = 20 MHz, VO = 2 V p-p –48 dB Input Voltage Noise f = 10 kHz 3.5 nV/ √Hz Input Current Noise f = 10 kHz 5 pA/ √Hz Differential Gain Error NTSC, G = +2, RF = 500 Ω 0.05 % NTSC, G = +2, RF = 500 Ω, R L = 50 Ω 0.46 % Differential Phase Error NTSC, G = +2, RF = 500 Ω 0.30 Degree NTSC, G = +2, RF = 500 Ω, R L = 50 Ω 0.60 Degree Third Order Intercept f = 10 MHz 22 dBm DC PERFORMANCE Input Offset Voltage 25 mV TMIN–TMAX 26 mV Input Offset Voltage Drift 10 µV/°C Input Bias Current +Input or –Input 5 15 µA Input Bias Current Drift 50 nA/ °C Input Offset Current 5 ±µA Open Loop Transresistance 800 1300 k Ω INPUT CHARACTERISTICS Input Resistance +Input 450 k Ω Input Capacitance +Input 2.3 pF Input Common-Mode Voltage Range ±3.8 ±4.1 V Common-Mode Rejection Ratio VCM = ±2.5 V –52 –57 dB OUTPUT CHARACTERISTICS Output Voltage Swing RL = 150 Ω± 3.4 ±3.8 V RL = 1 kΩ± 3.6 ±4.0 V Output Current VO = ± 2.0 V 40 50 mA Short Circuit Current 70 mA Capacitive Load Drive for 30% Overshoot 2 V p-p, RL = 1 kΩ, RF = 500 Ω 40 pF POWER SUPPLY Operating Range ±2.25 ±5 ±6.0 V Quiescent Current 1.15 1.3 mA Power Supply Rejection Ratio ±4 V to ±6 V –55 –58 dB Specifications subject to change without notice. (@ TA = +25 C, VS = 5 V, RL = 150 , RF = 1 k , Gain = +2, unless otherwise noted) Rev. C |