Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1955ARSRL Fiches technique(PDF) 21 Page - Analog Devices

No de pièce AD1955ARSRL
Description  High Performance Multibit DAC with SACD Playback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1955ARSRL Fiches technique(HTML) 21 Page - Analog Devices

Back Button AD1955ARSRL Datasheet HTML 16Page - Analog Devices AD1955ARSRL Datasheet HTML 17Page - Analog Devices AD1955ARSRL Datasheet HTML 18Page - Analog Devices AD1955ARSRL Datasheet HTML 19Page - Analog Devices AD1955ARSRL Datasheet HTML 20Page - Analog Devices AD1955ARSRL Datasheet HTML 21Page - Analog Devices AD1955ARSRL Datasheet HTML 22Page - Analog Devices AD1955ARSRL Datasheet HTML 23Page - Analog Devices AD1955ARSRL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD1955
–21–
OUTLINE DIMENSIONS
Dimensions shown in millimeters
28-Lead Shrink Small Outline Package (SSOP)
(RS-28)
0.25
0.09
0.95
0.75
0.55
8
4
0
0.05
MIN
1.85
1.75
1.65
2.00 MAX
0.38
0.22
SEATING
PLANE
0.65
BSC
0.10
COPLANARITY
28
15
14
1
10.50
10.20
9.90
5.60
5.30
5.00
8.20
7.80
7.40
COMPLIANT TO JEDEC STANDARDS MO-150AH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24