Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP111-270I/TT Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce MP111-270I/TT
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-270I/TT Fiches technique(HTML) 13 Page - Microchip Technology

Back Button MP111-270I/TT Datasheet HTML 9Page - Microchip Technology MP111-270I/TT Datasheet HTML 10Page - Microchip Technology MP111-270I/TT Datasheet HTML 11Page - Microchip Technology MP111-270I/TT Datasheet HTML 12Page - Microchip Technology MP111-270I/TT Datasheet HTML 13Page - Microchip Technology MP111-270I/TT Datasheet HTML 14Page - Microchip Technology MP111-270I/TT Datasheet HTML 15Page - Microchip Technology MP111-270I/TT Datasheet HTML 16Page - Microchip Technology MP111-270I/TT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21889D-page 13
MCP111/112
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
3-Pin SOT-23
3-Lead TO-92
XXXXXX
XXXXXX
XXXXXX
YWWNNN
Example
:
MCP111
290E
TO^^
547256
Part Number
SOT-23
Part Number
SOT-23
MCP111T-195I/TT
MPNN
MCP112T-195I/TT
MRNN
MCP111T-240ETT
MQNN
MCP112T-240ETT
MSNN
MCP111T-270E/TT
MGNN
MCP112T-270E/TT
MANN
MCP111T-290E/TT
NHNN
MCP112T-290E/TT
MBNN
MCP111T-300E/TT
MJNN
MCP112T-300E/TT
MCNN
MCP111T-315E/TT
MKNN
MCP112T-315E/TT
MDNN
MCP111T-450E/TT
MLNN
MCP112T-450E/TT
MENN
MCP111T-475E/TT
MMNN
MCP112T-475E/TT
MFNN
Example:
XXNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3-Pin SOT-89
Example:
Part Number
SOT-89
Part Number
SOT-89
MCP111T-195I/MB
MP
MCP112T-195I/MB
MR
MCP111T-240EMB
MQ
MCP112T-240EMB
MS
MCP111T-270E/MB
MG
MCP112T-270E/MB
MA
MCP111T-290E/MB
NH
MCP112T-290E/MB
MB
MCP111T-300E/MB
MJ
MCP112T-300E/MB
MC
MCP111T-315E/MB
MK
MCP112T-315E/MB
MD
MCP111T-450E/MB
ML
MCP112T-450E/MB
ME
MCP111T-475E/MB
MM
MCP112T-475E/MB
MF
XXYYWW
NNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26