| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8714T/7 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8714T/7 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 24 page ![]() 1997 Oct 29 4 Philips Semiconductors Product specification 8-bit high-speed analog-to-digital converter TDA8714 PINNING SYMBOL PIN DESCRIPTION D1 1 data output; bit 1 D0 2 data output; bit 0 (LSB) n.c. 3 not connected VRB 4 reference voltage BOTTOM input n.c. 5 not connected AGND 6 analog ground VCCA 7 analog supply voltage (+5 V) VI 8 analog input voltage VRT 9 reference voltage TOP input n.c. 10 not connected O/UF 11 overflow/underflow data output D7 12 data output; bit 7 (MSB) D6 13 data output; bit 6 D5 14 data output; bit 5 D4 15 data output; bit 4 CLK 16 clock input DGND 17 digital ground VCCD 18 digital supply voltage (+5 V) VCCO1 19 supply voltage for output stages 1 (+5 V) OGND 20 output ground VCCO2 21 supply voltage for output stages 2 (+5 V) CE 22 chip enable input (TTL level input, active LOW) D3 23 data output; bit 3 D2 24 data output; bit 2 Fig.2 Pin configuration. handbook, halfpage 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 TDA8714 D2 D3 D1 D0 n.c. O/UF D7 VCCO1 OGND AGND n.c. VRB CLK D4 D5 D6 DGND CE VCCD VCCA V VRT n.c. MSA667 CCO2 V I |