Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RSM3505LSH Fiches technique(PDF) 1 Page - Reed Semiconductor Corp.

No de pièce RSM3505LSH
Description  High Efficiency, Non-Isolated, Regulated 12V, 1300W, Digital DC/DC Intermediate Bus Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REED [Reed Semiconductor Corp.]
Site Internet  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.

RSM3505LSH Fiches technique(HTML) 1 Page - Reed Semiconductor Corp.

  RSM3505LSH Datasheet HTML 1Page - Reed Semiconductor Corp. RSM3505LSH Datasheet HTML 2Page - Reed Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSM3505
DATASHEET
Rees Semiconductor Datasheet, All Rights Reserved
RSM3505
High Efficiency, Non-Isolated, Regulated 12V, 1300W, Digital DC/DC
Intermediate Bus Converter
Features
40 to 60V Input Voltage Range
12V Regulated Output Voltage
 Up to 1300W Continuous Output Power
 Up to 2000W Transient Output Power
 Up to 98.3% Efficiency
 Parallel Operation for Multi-kW Arrays
 Configuration and Monitoring via PMBus
 58.4mm x 36.8mm x 12.7mm
 Wave and Reflow Soldering (MSL3)
 UL62368-1, 2nd Pending.
Application
Artificial Intelligence System
Data Center
Computing systems
General Description
The RSM3505 is a high-efficiency, non-isolated
power module.
The module operates from a 40V to 60V DC
primary bus and a 12V regulated output voltage. It can
deliver up to 1300W continuously and 2000W in
transient.
The built-in digital controller can store and restore
module configurations. The fault status, input voltage,
output voltage, output current, and temperature are
monitored via the PMBus interface.
The RSM3505 is available in an LGA (58.4mm x
36.8mm x 12.7mm) package.
Typical Application Circuit
1_VIN
2_EN
3_GND
6_VOUT
7_VOUT
4_GND
5_GND
3.3V
GND
CIN
R1
R2
R3
R4
R5
8_PG 9_DGND 10_SDA 11_ALERT 12_SCL 13_ADD0 14_NC
DC Source
F1
Enable
COUT
Figure 1. Typical Application Circuit
Efficiency
Figure 2. Typical Efficiency Curve (VIN = 54V)
Recommended Part Numbers
Model Name
Input
Output
HSP
Pin Config
RSM3505LSH
40-60V
12.3V
Yes
With pin1~pin14 and remote sense
RSM3505LEH
40-60V
12.3V
Yes
No pin4 and pin7
RSM3505LFH
40-60V
12.3V
Yes
No pin8, pin9 and pin14
RSM3505LDH
40-60V
12.3V
Yes
With pin1~pin14


Numéro de pièce similaire - RSM3505LSH

FabricantNo de pièceFiches techniqueDescription
logo
Reed Semiconductor Corp...
RSM3501 REED-RSM3501 Datasheet
110Kb / 1P
High Efficiency, No-Isolated, Fixed 8:1 Ratio, 400W Digital DC/DC Power Module
RSM3502 REED-RSM3502 Datasheet
102Kb / 1P
High Efficiency, No-Isolated, Fixed 4:1 Ratio, 1000W Digital DC/DC Power Module
RSM3503 REED-RSM3503 Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDH REED-RSM3503LDH Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
RSM3503LDO REED-RSM3503LDO Datasheet
242Kb / 2P
High Efficiency, Non-Isolated, Regulated 12V, 1600W, Digital DC/DC Intermediate Bus Converter
More results

Description similaire - RSM3505LSH

FabricantNo de pièceFiches techniqueDescription
logo
Enpirion, Inc.
EC2630QI ENPIRION-EC2630QI Datasheet
107Kb / 2P
12V DC-DC Intermediate Voltage Bus Converter, 27W and 4A
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
600W Digital Fully Regulated Intermediate DC-DC Bus Converter
DRQ-12-42-D48 MURATA-PS-DRQ-12-42-D48 Datasheet
764Kb / 24P
500W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Vicor Corporation
DCM3623X50M04A2YZZ VICOR-DCM3623X50M04A2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T17A6YZZ VICOR-DCM3623X50T17A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T31A6YZZ VICOR-DCM3623X50T31A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
logo
Mean Well Enterprises C...
NID35 MEANWELL-NID35 Datasheet
1Mb / 3P
35W DC-DC Non-Isolated Regulated Converter
logo
Murata Manufacturing Co...
DBE MURATA1-DBE Datasheet
1Mb / 34P
Up to 300W Digital Fully Regulated Intermediate DC-DC Bus Converter
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
logo
Mean Well Enterprises C...
NID100-4.2 MEANWELL-NID100-4.2 Datasheet
570Kb / 3P
100W DC-DC Non-Isolated Regulated Converter
2022-11-16
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com