Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP111-290E/TO Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce MP111-290E/TO
Description  Micropower Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MP111-290E/TO Fiches technique(HTML) 10 Page - Microchip Technology

Back Button MP111-290E/TO Datasheet HTML 6Page - Microchip Technology MP111-290E/TO Datasheet HTML 7Page - Microchip Technology MP111-290E/TO Datasheet HTML 8Page - Microchip Technology MP111-290E/TO Datasheet HTML 9Page - Microchip Technology MP111-290E/TO Datasheet HTML 10Page - Microchip Technology MP111-290E/TO Datasheet HTML 11Page - Microchip Technology MP111-290E/TO Datasheet HTML 12Page - Microchip Technology MP111-290E/TO Datasheet HTML 13Page - Microchip Technology MP111-290E/TO Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MCP111/112
DS21889D-page 10
© 2005 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
Symbol
Function
SOT-23-3
SC-70
SOT-89-3
T0-92
11
1
VOUT
Output State
VDD Falling:
H = VDD > VTRIP
L = VDD < VTRIP
VDD Rising:
H = VDD > VTRIP + VHYS
L = VDD < VTRIP + VHYS
22
3
VSS
Ground reference
33
2
VDD
Positive power supply
—4
—
VDD
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26