Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1270AMVRCTR Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce TC1270AMVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMVRCTR Fiches technique(HTML) 29 Page - Microchip Technology

Back Button TC1270AMVRCTR Datasheet HTML 25Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 26Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 27Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 28Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 29Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 30Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 31Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 32Page - Microchip Technology TC1270AMVRCTR Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
© 2007 Microchip Technology Inc.
DS22035B-page 29
TC1270A/70AN/71A
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
5-Pin SOT-23
Part Number
Code
Part Number
Code
TC1270ALVCTTR
F1NN
TC1271ALVCTTR
J1NN
TC1270AMVCTTR
F2NN
TC1271AMVCTTR
J2NN
TC1270ATVCTTR
F3NN
TC1271ATVCTTR
J3NN
TC1270ASVCTTR
F4NN
TC1271ASVCTTR
J4NN
TC1270ARVCTTR
F5NN
TC1271ARVCTTR
J5NN
TC1270ANLVCTTR
FSNN
TC1270ANMVCTTR
FTNN
TC1270ANTVCTTR
FUNN
TC1270ANSVCTTR
FVNN
TC1270ANRVCTTR
FWNN
Example:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXNN
F125
4-Lead SOT-143
XXNN
Example:
C125
Part Number
Code
Part Number
Code
TC1270ALVRCTR
D1NN
TC1271ALVRCTR
C1NN
TC1270AMVRCTR
D2NN
TC1271AMVRCTR
C2NN
TC1270ATVRCTR
D3NN
TC1271ATVRCTR
C3NN
TC1270ASVRCTR
D4NN
TC1271ASVRCTR
C4NN
TC1270ARVRCTR
D5NN
TC1271ARVRCTR
C5NN
TC1270ANLVRCTR
E1NN
TC1270ANMVRCTR
E2NN
TC1270ANTVRCTR
E3NN
TC1270ANSVRCTR
E4NN
TC1270ANRVRCTR
E5NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40