| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8708 Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8708 Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 24 page ![]() MSA675 20 k Ω AGND VCCA AGND VCCA AGND VCCA 2.5 mA AGND VCCA AGND Vbottom VCCA Vmid Vtop DGND VCCD pins 16 to 18 VIN0, VIN1 and VIN2 DGND VCCO AGND VCCA pins 26 or 27 GATE A or GATE B DGND VCCD pin 25 AGC VCCA AGND pin 21 DEC pin 20 ADCIN pin 19 ANOUT pin 9 OF pin 5 clock input pins 1 to 4 and 10 to 13 data outputs pin 24 CLAMP pin 22 VCCA pin 7 VCCO pin 6 VCCD pin 23 AGND pin 8 DGND TDA8708B 1.5 V VCCD 4 VBE VREF VREF DGND chip enable binary/ two's complement DGND VCCD DGND VCCD pin 28 IR I1 I1 I2 01 pins 14 or 15 I ,I Fig.11 Internal pin configuration. |