Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25PX32-VMP6F Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce M25PX32-VMP6F
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 55Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 56Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 57Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 58Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 59Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 60Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 61Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 62Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
Revision history
M25PX32
62/63
13
Revision history
Table 22.
Document revision history
Date
Revision
Changes
19-Dec-2006
0.1
Initial release.
31-Jul-2007
1
Document status promoted from Target Specification to Preliminary Data.
Added the SO16 (MF) package.
Added specific hardware protection (see Section 4.8.2: Specific hardware
and software protection).
Modified the RDID instruction (see Section 6.3: Read Identification
(RDID)).
20-Aug-2007
2
Updated the typical value for the Deep Power-down current (ICC2).
Modified Lock Registers’ configuration in Section 7: Power-up and Power-
down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63