Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8708 Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce TDA8708
Description  Video analog input interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708 Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button TDA8708 Datasheet HTML 16Page - NXP Semiconductors TDA8708 Datasheet HTML 17Page - NXP Semiconductors TDA8708 Datasheet HTML 18Page - NXP Semiconductors TDA8708 Datasheet HTML 19Page - NXP Semiconductors TDA8708 Datasheet HTML 20Page - NXP Semiconductors TDA8708 Datasheet HTML 21Page - NXP Semiconductors TDA8708 Datasheet HTML 22Page - NXP Semiconductors TDA8708 Datasheet HTML 23Page - NXP Semiconductors TDA8708 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
June 1994
20
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
Fig.18 Plastic small outline package; 28 leads; large body (SOT136-1).
Dimensions in mm.
handbook, full pagewidth
7.6
7.4
10.65
10.00
A
MBC236 - 1
0.3
0.1
2.45
2.25
1.1
0.5
0.32
0.23
1.1
1.0
0 to 8
o
2.65
2.35
detail A
S
18.1
17.7
0.1 S
114
15
28
pin 1
index
0.9
0.4
(4x)
0.25 M
(28x)
0.49
0.36
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24