Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25PX32 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M25PX32
Description  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M25PX32 Datasheet HTML 3Page - STMicroelectronics M25PX32 Datasheet HTML 4Page - STMicroelectronics M25PX32 Datasheet HTML 5Page - STMicroelectronics M25PX32 Datasheet HTML 6Page - STMicroelectronics M25PX32 Datasheet HTML 7Page - STMicroelectronics M25PX32 Datasheet HTML 8Page - STMicroelectronics M25PX32 Datasheet HTML 9Page - STMicroelectronics M25PX32 Datasheet HTML 10Page - STMicroelectronics M25PX32 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
M25PX32
Description
7/63
Figure 1.
Logic diagram
Figure 2.
VFQFPN and SO8 connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
DQ0
Serial Data input
I/O(1)
1.
Serves as an output during Dual Output Fast Read (DOFR) instructions.
DQ1
Serial Data output
I/O(2)
2.
Serves as an input during Dual Input Fast Program (DIFP) instructions.
S
Chip Select
Input
W/VPP
Write Protect/Enhanced Program supply voltage
Input
HOLD
Hold
Input
VCC
Supply voltage
VSS
Ground
AI14228
S
VCC
M25PX32
HOLD
VSS
DQ1
C
DQ0
W/VPP
1
AI13720b
2
3
4
8
7
6
5
DQ0
VSS
C
HOLD
DQ1
SVCC
M25PX32
W/VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63