| Moteur de recherche de fiches techniques de composants électroniques |
|
LS7366R Fiches technique(PDF) 8 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7366R Fiches technique(HTML) 8 Page - LSI Computer Systems |
|
8 / 13 page ![]() D7 D6 D5 D4 D3 D3 D2 D1 D0 D2 D6 D5 D7 D4 X X X RANDOM DATA X X X D1 D0 X SS/ SCK MOSI MISO BIT # 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 START OF NEW COMMAND RD MDR1 DATA WR MDR1 tCSL BIT # 7 6 5 4 3 2 1 0 tCH tCL TRI-STATE D7 D6 D5 D4 D3 D3 D2 D1 D0 D2 D6 D5 D7 D4 X X X X X X D1 D0 SS/ SCK MOSI MISO BIT # 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 RD CNTR tCSI BIT # 7 6 5 4 3 2 1 0 BYTE 1 BYTE 0 CLR STR RANDOM DATA 7 6 5 4 3 2 1 0 TRI-STATE NOTE: Write to MDR1 followed by Read from MDR1 operation 7366R-041906-8 FIGURE 3. WR MDR1 - RD MDR1 FIGURE 4. RD CNTR - CLR STR FIGURE 5. fCKI, A, B and INDEX Note 1. Synchronous index coincident with both A and B high. Note 2. Synchronous index coincident with both A and B low.. Note 3. fF is the internal effective filter clock . NOTE: Read CNTR (in 2-byte configuration) followed by CLR STR operation . fCKi t1 t2 ff (Note 4) (MDR0 <7> = 0) ff (Note 4) (MDR0 <7> = 1) A B INDEX/ t3 t3 t5 t5 t4 t4 t4 t4 Note 1 Note 2 tid tis tih tis tih |