Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1270AMBVRCTR Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce TC1270AMBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMBVRCTR Fiches technique(HTML) 28 Page - Microchip Technology

Back Button TC1270AMBVRCTR Datasheet HTML 24Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 25Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 26Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 27Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 28Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 29Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 30Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 31Page - Microchip Technology TC1270AMBVRCTR Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 28
© 2007 Microchip Technology Inc.
8.0
DEVELOPMENT TOOLS
8.1
Evaluation/Demonstration Boards
The SOT-23-5/6 Evaluation Board (VSUPEV2) can be
used to evaluate the characteristics of the TC127XA
devices.
This blank PCB has footprints for:
• Pull-up Resistor
• Pull-down Resistor
• Loading Capacitor
• In-line Resistor
There is also a power supply filtering capacitor.
For evaluating the TC127XA devices, the selected
device should be installed into the Option A footprint.
FIGURE 8-1:
SOT-23-5/6 Voltage
Supervisor Evaluation Board (VSUPEV2).
The SOIC14-EV (102-00094) board has a SOT-23-6
footprint, that can be jumpered into any portion of the
circuit. This will allow any footprint that the TC1270A
requires in the SOT-23-5 package.
FIGURE 8-2:
SOIC-14 Evaluation Board
(SOIC14EV).
These boards may be purchased directly from the
Microchip web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40