| Moteur de recherche de fiches techniques de composants électroniques |
|
TL59 Fiches technique(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
TL59 Fiches technique(HTML) 2 Page - E-SWITCH |
|
2 / 2 page ![]() Phone: 800-867-2717 Fax: 763-531-8235 28 SERIES TL59/TL58 SWITCHES TACT SWITCHES RADIAL LEAD TL 59 Operating Force F100 = 100 ± 50gf F160 = 160 ± 50gf F260 = 260 ± 50gf STANDARD RADIAL LEAD Actuator Length (L) in mm N = 4.3 C = 8.0 P = 8.5 A = 5.0 F = 7.0 SP = 2.8 B = 9.5 E = 7.3 TL 58 Operating Force F100 = 100 ± 50gf F160 = 160 ± 50gf F260 = 260 ± 50gf RIGHT ANGLE RADIAL LEAD Actuator Length (L) in mm V = 3.85 W = 3.15 X = 4.75 SCHEMATIC P.C. MOUNTING SCHEMATIC P.C. MOUNTING |