Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

12C671 Fiches technique(PDF) 89 Page - Microchip Technology

No de pièce 12C671
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C671 Fiches technique(HTML) 89 Page - Microchip Technology

Back Button 12C671 Datasheet HTML 85Page - Microchip Technology 12C671 Datasheet HTML 86Page - Microchip Technology 12C671 Datasheet HTML 87Page - Microchip Technology 12C671 Datasheet HTML 88Page - Microchip Technology 12C671 Datasheet HTML 89Page - Microchip Technology 12C671 Datasheet HTML 90Page - Microchip Technology 12C671 Datasheet HTML 91Page - Microchip Technology 12C671 Datasheet HTML 92Page - Microchip Technology 12C671 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 89
PIC12C67X
12.0
ELECTRICAL SPECIFICATIONS FOR PIC12C67X
Absolute Maximum Ratings †
Ambient temperature under bias...............................................................................................................–40° to +125°C
Storage temperature ............................................................................................................................. –65°C to +150°C
Voltage on any pin with respect to VSS (except VDD and MCLR)................................................... –0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ................................................................................................................ 0 to +7.0V
Voltage on MCLR with respect to VSS (Note 2)..................................................................................................0 to +14V
Total power dissipation (Note 1) ........................................................................................................................... 700 mW
Maximum current out of VSS pin ........................................................................................................................... 200 mA
Maximum current into VDD pin .............................................................................................................................. 150 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by GPIO pins combined ...................................................................................................100 mA
Maximum current sourced by GPIO pins combined.............................................................................................. 100 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com