Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2140AT-I/SS Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Fiches technique(HTML) 56 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 52Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 53Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 54Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 55Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 56Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 57Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 58Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 59Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
MCP2140A
DS22050A-page 56
© 2007 Microchip Technology Inc.
APPENDIX D:
DB-9 PIN
INFORMATION
Table D-1 shows the DB-9 pin information and the
direction of the MCP2140A signals. The MCP2140A is
designed for use in Data Communications Equipment
(DCE) applications.
TABLE D-1:
DB-9 SIGNAL INFORMATION
APPENDIX E:
KNOW PRIMARY
DEVICE
COMPATIBILITY
ISSUES
•None
DB-9
Pin No.
Signal
Direction
Comment
1
CD
HC
→
MCP2140A
Carrier Detect
2
RX
MCP2140A
→
HC
Received Data
3
TX
HC
→
MCP2140A
Transmit Data
4
DTR
HC
→
MCP2140A
Data Terminal
Ready
5GND
—
Ground
6
DSR
MCP2140A
→
HC
Data Set
Ready
7
RTS
HC
→
MCP2140A
Request to
Send
8
CTS
MCP2140A
→
HC
Clear to Send
9
RI
HC
→
MCP2140A
Ring Indicator
Legend: HC = Host Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60