Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6549T-E/ST Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce MCP6549T-E/ST
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549T-E/ST Fiches technique(HTML) 18 Page - Microchip Technology

Back Button MCP6549T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 18Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 20Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 21Page - Microchip Technology MCP6549T-E/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP6546/6R/6U/7/8/9
DS21714E-page 18
© 2006 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6549)
Example:
14-Lead TSSOP (MCP6549)
Example:
14-Lead SOIC (150 mil) (MCP6549)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP6549-I/P
XXXXXXXXXXXXXX
0636256
MCP6549I
0636
256
XXXXXXXXXX
MCP6549ISL
0636256
XXXXXXXXXX
MCP6549E/P
0636256
OR
MCP6549
0636256
E/SL^^
OR
3
e
3
e
MCP6549
I/P^^
0636256
OR
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32