| Moteur de recherche de fiches techniques de composants électroniques |
|
25LC160A-E/MS Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC160A-E/MS Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 24 page ![]() 25XX160A/B DS21807C-page 18 © 2006 Microchip Technology Inc. 8-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm (TSSOP) E E1 D e n b 2 1 c L A A1 A2 ϕ β α MILLIMETERS* MIN NOM MAX 1.20 1.05 0.15 4.50 3.10 0.75 8° 0.20 0.30 8 – 1.00 – 4.40 3.00 0.60 – – – – 0.80 0.05 4.30 2.90 0.45 0° 0.09 0.19 INCHES MIN NOM MAX 8 – .039 – .173 .118 .024 – – – .047 .041 .006 .177 .122 .030 8° .008 .012 – .031 .002 .169 .114 .018 0° .004 .007 .026 BSC 0.65 BSC .252 BSC 6.40 BSC 12° REF 12° REF 12° REF 12° REF Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Molded Package Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom *Controlling Parameter Notes: 1. Dimension D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M REF: Reference Dimension, usually without tolerance, for information purposes only. See ASME Y14.5M Drawing No. C04-086 Revised 7-25-06 n e A A2 A1 E E1 D L ϕ c b α β |