| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4822-E/MS Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4822-E/MS Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 36 page ![]() © 2005 Microchip Technology Inc. DS21953A-page 23 MCP4821/MCP4822 6.7 Selectable Gain and Offset Bipolar Voltage Output Using A Dual DAC In some applications, precision digital control of the output range is desirable. Example 6-4 illustrates how to use the MCP482X family to achieve this in a bipolar or single-supply application. This circuit is typically used for linearizing a sensor whose slope and offset varies. The equation to design a bipolar “window” DAC would be utilized if R3, R4 and R5 are populated. EXAMPLE 6-4: Bipolar Voltage Source with Selectable Gain and Offset. MCP482X VDD R3 R4 R2 VO MCP482X VDD R1 DACA (Gain Adjust) DACB (Offset Adjust) SPI™ 3 R5 VCC+ Thevenin Bipolar “Window” DAC using R4 and R5 G = Gain select (1x or 2x) D = Digital value of DAC (0 – 4096) 0.1 µF VCC– AVSS = GND VCC+ VCC– V OUTB 2.048V G B ⋅ () D B 2 12 ------- = VOUTA VOUTB V OUTA 2.048V G A ⋅ () D A 2 12 ------- = V IN+ V OUTBR4 V CC-R3 + R 3 R 4 + ------------------------------------------------ = V O V IN+ 1 R 2 R 1 ------ + ⎝⎠ ⎛⎞ V OUTA R 2 R 1 ------ ⎝⎠ ⎛⎞ – = Equivalent V 45 V CC+R4 V CC-R5 + R 4 R 5 + -------------------------------------------- = R 45 R 4R5 R 4 R 5 + ------------------ = V IN+ V OUTBR45 V 45R3 + R 3 R 45 + ----------------------------------------------- = V O V IN+ 1 R 2 R 1 ------ + ⎝⎠ ⎛⎞ V OUTA R 2 R 1 ------ ⎝⎠ ⎛⎞ – = Offset Adjust Gain Adjust Offset Adjust Gain Adjust |