Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25LC010AT-E/ST Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce 25LC010AT-E/ST
Description  1K SPI Bus Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC010AT-E/ST Fiches technique(HTML) 15 Page - Microchip Technology

Back Button 25LC010AT-E/ST Datasheet HTML 11Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 12Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 13Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 14Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 15Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 16Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 17Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 18Page - Microchip Technology 25LC010AT-E/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS21832C-page 15
25AA010A/25LC010A
Package Marking Information (continued)
6-Lead SOT-23
XXNN
Example:
12L7
XXX
8-Lead 2X3 DFN
YWW
NN
Example:
401
627
L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28